PART |
Description |
Maker |
LASEEU100RED LASEEU110RED LASEEV100RED LAKOAU110RE |
PUSHBUTTON SWITCHES - SEALED ILLUMINATED PUSHBUTTON SWITCH, DPDT, LATCHED, 6A, 24VDC, PANEL MOUNT
|
E-SWITCH
|
TP33MW03000 TP32MW03000 TP42MW03000 TP33P083000 TP |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.02A, 20VDC, PANEL MOUNT PUSHBUTTON SWITCH, SPDT, MOMENTARY, 0.02A, 20VDC, PANEL MOUNT PUSHBUTTON SWITCH, DPDT, MOMENTARY, 0.02A, 20VDC, PANEL MOUNT PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPDT, MOMENTARY, 0.5A, 48VDC, THROUGH HOLE-RIGHT ANGLE PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.5A, 48VDC, THROUGH HOLE-STRAIGHT
|
|
AV19820KMZQK6P AV09810KMZQK6 AV19810KMZQK6P |
PUSHBUTTON SWITCH, DPDT, MOMENTARY, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, SPDT, MOMENTARY, PANEL MOUNT-THREADED
|
|
P8-V211214 P8-V211212 P8-V216222 P8-V216215 P8-V21 |
PUSHBUTTON SWITCH, SPST, MOMENTARY-TACTILE, 20A, 28VDC, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, DPDT, MOMENTARY-TACTILE, 20A, 28VDC, PANEL MOUNT-THREADED
|
OTTO ENGINEERING INC
|
CXG1040TN |
High Isolation DPDT Antenna Switch MMIC Used In Personal Communication Handset(高绝缘性、有吸收能力的双刀双掷天线开关微波集成电路(用于个人通信设备 High Isolation DPDT Switch From old datasheet system
|
SONY[Sony Corporation]
|
150C2206 |
Switch DPDT 3 MHz - 200 MHz RF/MICROWAVE DBL POLE DBL THROW SWITCH, 1.4 dB INSERTION LOSS DAICO Switches SPST, DPDT
|
DAICO[DAICO Industries, Inc.]
|
P7831113 P7831118 P7831132 P7831117 P7831122 P7831 |
PUSHBUTTON SWITCH, SPDT, MOMENTARY-TACTILE, 4A, 28VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPDT, MOMENTARY-TACTILE, 4A, 28VDC, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, SPST, MOMENTARY-TACTILE, 5A, 28VDC, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, SP3T, MOMENTARY-TACTILE, 5A, 28VDC, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, SP5T, MOMENTARY-TACTILE, 5A, 28VDC, PANEL MOUNT PUSHBUTTON SWITCH, SP3T, MOMENTARY-TACTILE, 5A, 28VDC, THROUGH HOLE-STRAIGHT
|
OTTO Engineering, Inc. OTTO ENGINEERING INC
|
P7831123 P7831128 P7831121 P7831124 P7831127 P7831 |
PUSHBUTTON SWITCH, SPST, MOMENTARY-TACTILE, 5A, 28VDC, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, SP3T, MOMENTARY-TACTILE, 5A, 28VDC, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, SPDT, MOMENTARY-TACTILE, 4A, 28VDC, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, SP3T, MOMENTARY-TACTILE, 5A, 28VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SP5T, MOMENTARY-TACTILE, 5A, 28VDC, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, SP5T, MOMENTARY-TACTILE, 5A, 28VDC, THROUGH HOLE-STRAIGHT
|
OTTO Engineering, Inc. OTTO ENGINEERING INC
|
HPL-3212141 HPL-R22216R |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.01A, 5.5VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.01A, 5.5VDC, PANEL MOUNT-THREADED
|
OTTO ENGINEERING INC
|
1241.2832.066 1241.2825.000 |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.125A, 48VDC, PANEL MOUNT PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.08A, 24VDC, PANEL MOUNT
|
SCHURTER INC
|
M28C64-A25NS1T M28C64-A20MS1T M28C64-A20MS3T M28C6 |
64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection 64千位8K的8并行EEPROM,带有软件数据保 SWITCH, DPDT; Thread size:1/4 x 40UNS; Switch function type:DPDT On-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, op. RoHS Compliant: Yes SWITCH, DPDT, LOCKING; Thread size:1/4 x 40UNS; Switch function type:DPDT On-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, RoHS Compliant: Yes SWITCH, DPDT, BIASED; Thread size:1/4 x 40UNS; Switch function type:DPDT On-Mom; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Solder Lug; Leaded Process Compatible:Yes; Mounting Type:Solder Lug RoHS Compliant: Yes 64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
|
STMicroelectronics N.V. 意法半导
|
|